Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download FQD19N1013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  april 2013 ?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 1 fqd19n10 n-channel qfet ? mosfet fqd19n10 n-channel qfet ? mosfet 100 v, 15.6 a, 63 m? description this n-channel enhancement mode power mosfet is produced using fairchild semiconductor ? ?s proprietary planar stripe and dmos technology. this advanced mosfet technology has been es pecially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. these devices are suitable for switched mode power supplies, audio amplifier, dc motor control, and variable switching power applications. features ? 15.6 a, 100 v, r ds(on) = 63 m? (max) @ v gs = 10 v, i d = 7.8 a ? low gate charge (typ. 19 nc) ? low crss (typ. 32 pf) ? 100% avalanche tested absolute maximum ratings t c = 25c unless otherwise noted thermal characteristics symbol parameter f qd19n10 un it v dss drain-source voltage 100 v i d drain current - continuous (t c = 25c) 15.6 a - continuous (t c = 100c) 9.8 a i dm drain current - pulsed (note 1) 62.4 a v gss gate-source voltage ? 25 v e as single pulsed avalanche energy (note 2) 220 mj i ar avalanche current (note 1) 15.6 a e ar repetitive avalanche energy (note 1) 5.0 mj dv/dt peak diode recovery dv/dt (note 3) 6.0 v/ns p d power dissipation (t a = 25c) * 2.5 w power dissipation (t c = 25c) 50 w - derate above 25c 0.4 w/c t j , t stg operating and storage temperature range -55 to +150 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter fqd19n10 unit r ? jc thermal resistance, junction-to-case, max. 2.5 c /w r ? ja thermal resistance, junction-to-ambient * 50 c /w r ? ja thermal resistance, junction-to-ambient, max. 110 c /w * when mounted on the minimum pad size recommended (pcb mount) ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? s d g s d g d-pak
?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 2 fqd19n10 n-channel qfet ? mosfet electrical characteristics t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width li mited by maximum junction temperature 2. l = 1.35mh, i as = 15.6a, v dd = 25v, r g = 25 : starting t j = 25c 3. i sd  19a, di/dt  300a/ p s, v dd  bv dss, starting t j = 25c 4. essentially independent of operating temperature symbol parameter test conditions min typ max unit  off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 p a 100 -- -- v ' bv dss / ' t j breakdown voltage temperature coefficient i d = 250 p a, referenced to 25c -- 0.1 -- v/c i dss zero gate voltage drain current v ds = 100 v, v gs = 0 v -- -- 1 p a v ds = 80 v, t c = 125c -- -- 10 p a i gssf gate-body leakage current, forward v gs = 25 v, v ds = 0 v -- -- 100 na i gssr gate-body leakage current, reverse v gs = -25 v, v ds = 0 v -- -- -100 na  on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = 250 p a 2.0 -- 4.0 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 7.8 a -- 0.078 0.1 : g fs forward transconductance v ds = 40 v, i d = 7.8 a -- 11 -- s  dynamic characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz (note 4) -- 600 780 pf c oss output capacitance -- 165 215 pf c rss reverse transfer capacitance -- 32 40 pf  switching characteristics t d(on) turn-on delay time v dd = 50 v, i d = 19 a, r g = 25 : -- 7.5 25 ns t r turn-on rise time -- 150 310 ns t d(off) turn-off delay time -- 20 50 ns t f turn-off fall time -- 65 140 ns q g total gate charge v ds = 80 v, i d = 19 a, v gs = 10 v (note 4) -- 19 25 nc q gs gate-source charge -- 3.9 -- nc q gd gate-drain charge -- 9.0 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- 15.6 a i sm maximum pulsed drain-source diode forward current -- -- 62.4 a v sd drain-source diode forward voltage v gs = 0 v, i s = 15.6 a -- -- 1.5 v t rr reverse recovery time v gs = 0 v, i s = 19 a, di f / dt = 100 a/ p s -- 78 -- ns q rr reverse recovery charge -- 200 -- nc
?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 3 fqd19n10 n-channel qfet ? mosfet 048121620 0 2 4 6 8 10 12 v ds = 50v v ds = 80v
?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 4 fqd19n10 n-channel qfet ? mosfet 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 7. breakdown voltage variation vs. temperature figure 8. on-resistance variation vs. temperature figure 11. transient thermal response curve t 1 p dm t 2
?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 5 fqd19n10 n-channel qfet ? mosfet charge v gs 10v q g q gs q gd 3ma v gs dut v ds 300nf 50k
?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 6 fqd19n10 n-channel qfet ? mosfet peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 7 fqd19n10 n-channel qfet ? mosfet mechanical dimensions dimensions in millimeters d-pak
fqd19n10 n-channel qfet ? mosfet ?2007 fairchild semiconductor corporation fqd19n10tm rev. c0 www.fairchildsemi.com 8 ? trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions , specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a sign ificant injury of the user. 2. a critical component in any com ponent of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * p serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information for mative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor re serves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-c ounterfeiting policy. fairchild?s anti-count erfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manuf actures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadv ertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of producti on and manufacturing delays. fairchild is taki ng strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. product s customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchil d will not provide any warranty coverage or other assistance for pa rts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i64 tm ?


▲Up To Search▲   

 
Price & Availability of FQD19N1013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X